Part Number Hot Search : 
5KP300A 4081B 89534LHC LOU5000 S13R8 LL400 L1015 FR207
Product Description
Full Text Search
 

To Download ASTX-09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASTX-09
FEATURES: * Compact and low in height. * Low current consumption. * Suitable for high-density SMT. * Vc function corresponds to PLL circuits. * IR reflow possible. APPLICATIONS: * Cellular and cordless phones. * Standard OSC for exact equipment. * Mobile communication equipment. * Portable radio equipment and music player.
Pb RoHS Compliant
5.0 X 3.2 X 1.5mm
|||||||||||||||
STANDARD SPECIFICATIONS:
PARAMETERS ABRACON P/N Frequency Standard Frequencies Operating Temperature Storage Temperature Freq. Stability vs. Operating Temp. Freq. Stability vs. Aging Freq. Stability vs. Supply Voltage Freq. Stability vs. Load Supply Voltage (Vdd) Supply Current Output Type Output Voltage Output Load Pullability Phase Noise
(Left blank if standard)
ASTX-09 10.000MHz to 44.545MHz 12.8MHz, 13.0MHz, 14.4MHz, 15.36MHz, 16.000MHz, 16.384MHz, 16.8MHz, 19.2MHz, 19.440MHz, 19.680MHz, 19.8MHz, 26.0MHz - 30 C to + 75 C (See Table 1 for options) - 40 C to + 85 C 2.5ppm standard (See Table1 for options) 1ppm/1st year 0.2ppm ( 5% change) 0.2ppm ( 10% change) 3.0V Standard (See options) 2mA max Clipped Sine 0.8Vp-p min 10 kohm // 10 pF 8ppm min -110dBc/Hz @ 100KHz offset; -130dBc/Hz @ 1KHz offset
OPTIONS & PART IDENTIFICATION:
ASTX - 09 Supply Voltage (Vdd)
- Frequency -
-
Packaging Blank T Bulk
Tape and Reel
A Blank B C
*3.0V : Standard
2.5V 3.0V 3.3V 5.0V
(1,000 or 2,000pcs/reel)
Table 1: Frequency Stability vs Operating Temp. 1ppm 1.5ppm 2ppm 2.5ppm 0C-50C D10 D15 D20 D25 -10C to 60C E10 E15 E20 E25 0C to 70C F15 F20 F25 -20C to +75C G20 G25 -30C to 75C STD
-40C to 85C
3ppm D30 E30 F30 G30 H30 I30
4ppm D40 E40 F40 G40 H40 I40
5ppm D50 E50 F50 G50 H50 I50
REVISED: 5.08.07
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASTX-09
OUTLINE DRAWING:
Pb RoHS Compliant
5.0 X 3.2 X 1.5mm
|||||||||||||||
Note: It is recommended to use an approximately 0.01uF bypass capacitor between PIN 2 and 4.
Dimensions: Inches (mm)
PIN 1 2 3 4
FUNCTION GND GND Output Vcc
TAPE & REEL:
Dimensions: mm
REVISED: 5.08.07
ABRACON IS ISO 9001 / QS 9000 CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


▲Up To Search▲   

 
Price & Availability of ASTX-09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X